Part Number Hot Search : 
HC406 R7220408 PEMH1 MA2B182 A7733P AGM2464E PSOT12 SITU2011
Product Description
Full Text Search
 

To Download SR20100CT-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  qw -bb056 page 1 rev :a electrical characteristics (at t a =25c unless otherwise noted) ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load derate current by 20%. notes: 1. 300us pulse width,2% duty cycle. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. v oltage: 30 to 150 v current: 20.0 a rohs device sr2030ct -g thru. sr20150ct -g d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) t o - 2 2 0 a b comchip t echnology co., l td. (3.50) 0.138 0.055(1.40) 0.047(1.20) 0.173(4.40) 0.187(4.80) 0.531(13.50) 0.583(14.80) 0.610(15.50) 0.583(14.80) 0.177 (4.5) 0.230(5.80) 0.270(6.90) 0.153(3.90) 0.146(3.70) 0.347( 9.50) 0.413(10.50) 0.024(0.60) 0.012(0.30) 0 . 0 5 7 ( 1 . 4 5 ) 0 . 0 4 3 ( 1 . 1 0 ) 0 . 0 3 2 ( 0 . 8 0 ) 0 . 1 0 2 ( 2 . 6 0 ) 0 . 0 9 1 ( 2 . 3 0 ) pa ra m et er sy mb ol un it maximum recurrent peak reverse voltage maximum rms voltage maximum dc b locking voltage maximum average forward rectified current ( see fig.1 ) @ t c= 95c peak forward surage current , 8.3ms single half sine-wave super imposed on rated load (jedec method) operating temperature range storage temperature range 30 21 30 v rrm v rms v dc i (a v) i fsm v f i r t j t stg 200 -55 to +150 -55 to +150 v v v a a v ma 40 28 40 50 35 50 60 42 60 80 56 80 100 70 100 150 105 150 20.0 maximum dc reverse current at rate dc blocking v oltage sr 2030ct -g sr 2040ct -g sr 2050ct -g sr 2060ct -g sr 2080ct -g sr 20100ct -g sr 20150ct -g peak forward voltage at 10.0a dc (note 1) 0.70 0.85 0.95 @ t j = 25c @ t j = 100c 1.0 50 t ypical junction capacitance (note2) c j 600 pf t ypical thermal resistance (note3) r jc 2.0 c/w c c 3. thermal resistance junction to case. s c h o t t k y b a r r i e r r e c t i f i e r s features -metal of silicon rectifier , majority carrier conduction. mechanical data -guard ring for transient protection. -low power loss, high ef ficiency . -epoxy: ul 94-v0 rate flame retardant. -mounting position: any -case: t o-220ab, molded plastic -w eight: 2.24 grams - low vf . high current capability , -high surge capacity . -for use in low voltage, high frequency inverters, free wheeling,and polarity protection applications. -polarity: as marked on the body . 0.55 0.135(3.44) 0.103(2.62) max 0 . 0 4 5 ( 1 . 1 4 ) max c o m c h i p s m d d i o d e s p e c i a l i s t
ra ting and characteristic cur ves (sr2030ct -g thru. sr20150ct -g) qw -bb056 comchip t echnology co., l td. fig.2- maximum non-repetitive surge current p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 1 250 200 150 100 50 0 300 10 2 5 20 50 100 i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) f i g . 4 - t y p i c a l f o r w a r d c h a r a c t e r i s t i c s i n s t a n t a n e o u s f o r w a r d v o l t a g e , ( v ) c a p a c i t a n c e , ( p f ) fig.5- t ypical junction capacitance 10000 100 f ig .1 - f o rw a rd c u rr e n t d e ra ti n g c u rv e f i g . 3 - t y p i c a l r e v e r c h a r a c t e r i s t i c s s c h o t t k y b a r r i e r r e c t i f i e r s case temperature, (c) number of cycles at 60hz reverse voltage, (v) 1 10 100 0.1 t j = 2 5 c f = 1 m h z 0 . 6 0 . 5 0 . 3 0 . 1 0 . 1 1 1 0 1 0 0 1 . 0 0 . 8 0 . 2 0 . 4 0 . 7 0 . 9 15.0 10.0 5.0 20.0 0 25 100 50 75 125 150 175 0 25.0 s i n g l e p h a s e h a l f w a v e 6 0 h z r e s i s t i v e o r i n d u c t i v e l o a d pulse width 8.3ms single half-sine-w ave (jedec method) page 2 rev :a i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( m a ) a v e r a g e f o r w a r d c u r r e n t , ( a ) 8 0 6 0 0 . 0 1 0 . 1 1 0 1 0 0 0 1 4 0 2 0 4 0 1 0 0 1 2 0 1 . 0 t j = 1 0 0 c t j = 2 5 c 1 0 0 0 t j = 7 5 c p e r c e n t o f r a t e d p e a k r e v e r s e v o l t a g e , ( % ) m b r 2 0 5 0 c t-g ~ m b r 2 0 6 0 c t-g m b r 2 0 3 0 c t-g ~ m b r 2 0 4 0 c t-g m b r 2 0 8 0 c t-g ~ m b r 2 0 1 0 0 c t-g m b r 2 0 1 5 0 c t-g t j = 2 5 c p u l s e w i d t h 3 0 0 u s 2 % d u t y c y c l e 1000 c o m c h i p s m d d i o d e s p e c i a l i s t
qw -bb056 comchip t echnology co., l td. s m d s c h o t t k y b a r r i e r r e c t i f i e r s s m d s c h o t t k y b a r r i e r r e c t i f i e r s page 3 rev :a marking code xxxx = product type marking code standard packaging c = compchip logo sr2030ct -g part number marking code sr2040ct -g sr2050ct -g sr2060ct -g sr2080ct -g sr20100ct -g sr20150ct -g sr2030ct sr2040ct sr2050ct sr2060ct sr2080ct sr20100ct sr20150ct c srxxxxct c a s e t y p e t o - 2 2 0 a b 5 0 t u b e ( p c s ) t u b e p a c k 8 , 0 0 0 b o x ( p c s ) c o m c h i p s m d d i o d e s p e c i a l i s t


▲Up To Search▲   

 
Price & Availability of SR20100CT-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X